Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-235X Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-235X
Description  CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-235X Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-235X Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-235X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-235X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-235X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-235X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-235X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Package Dimensions
Absolute Maximum Ratings
Parameter 
Value
Supply Voltage VDD to Ground
–0.3 V to 7.0 V[1]
Data Input, Data Output, VB
–0.3 V to VDD
Column Input Voltage, VCOL
–0.3 V to VDD
Free Air Operating Temperature Range, TA
–55°C to +100°C
Storage Temperature Range, Ts
–55°C to +100°C
Maximum Allowable Package Power Dissipation, PD[2,3] at TA = 71°C
1.31 Watts
Through-the-Wave Solder Temperature [4]
250°C for 3 secs. max.
Solder Dipping Temperature [4]
260°C for 5 secs. max.
ESD Protection @ 1.5 kΩ, 100 pF
VZ = 4 kV
Notes:
1. Maximum duration 2 seconds.
2. Maximum allowable power dissipation is derived from VDD = 5.25 V, VB = 2.4 V, VCOL = 3.5 V, 20 LEDs ON per character, 20% DF.
3. HCMS-2353 derate above 71°C at 23 mW/°C, RqJ-A = 45°C/W.
Derating based on RqPC-A = 35°C/W per display for printed circuit board assembly.
4. 1.59 mm (0.063”) Below Body
4
12 11 10
9
8
7
1
2
3
4
5
6
1
2
3
4.87
(0.192)REF.
2.84
(0.112)REF.
CL
5.00 ± 0.13
(0.197 ± 0.005)
SEE
NOTE 3
20.01
(0.790) MAX.
SEE NOTE 3
8.43
(0.332)
PIN 1 MARKED BY DOT
ON BACK OF PACKAGE
1.27 ± 0.13
(0.050 ± 0.005)
2.54
(0.100)
5.08
(0.200)
6.85
(0.270)
1.27
(0.050)TYP.
TYP.
0.54 ± 0.08
(0.020 ± 0.003)
2.54 ± 0.13
(0.100 ± 0.005)
NON ACCUM.
TYP.
0.25 ± 0.08
(0.010 ± 0.003)
6.35 ± 0.25
(0.250 ± 0.010)
HCMS-23XX
1.78
(0.070)
PART NUMBER
DATE CODE
2.41
(0.095)
3.56
(0.140)
2.79 ± 0.13
(0.110 ± 0.006)
1.27
(0.050)
COLOR BIN
LUMINOUS INTENSITY
CATEGORY
PIN 1
1
2
3
4
5
6
COLUMN 1
COLUMN 2
COLUMN 3
COLUMN 4
COLUMN 5
INT. CONNECT*
7
8
9
10
11
12
DATA OUT
VB
VDD
CLOCK
GROUND
DATA IN
PIN
FUNCTION
PIN FUNCTION
* DO NOT CONNECT OR USE
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. UNLESS OTHERWISE SPECIFIED, THE
TOLERANCE ON ALL DIMENSIONS IS
± 0.38 mm (± 0.015).
3. CHARACTERS ARE CENTERED WITH RESPECT
TO LEADS WITHIN ± 0.13 mm (± 0.005).
4. LEAD MATERIAL IS COPPER ALLOY,
SOLDER DIPPED.


Similar Part No. - HCMS-235X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-235X HP-HCMS-235X Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
   CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results

Similar Description - HCMS-235X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-235 HP-HCMS-235 Datasheet
83Kb / 6P
   CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
   CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
logo
List of Unclassifed Man...
4N58 ETC-4N58 Datasheet
149Kb / 4P
   5 x 7 Alphanumeric Display With Logic
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
EUROQUARTZ limited
EM57T-KHZ EUROQUARTZ-EM57T-KHZ Datasheet
147Kb / 1P
   CMOS 7 x 5 x 2.5mm SMD, kHz Range
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com