Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100-021 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100-021
Description  Surface-Mount Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100-021 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-9100-021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The HSDL-9100 is an analog-output reflective sensor with
an integrated high efficiency infrared emitter and photo-
diode housed in a small form factor SMD package. The
optical proximity sensor is housed in a specially designed
metal-shieldtoensureexcellentopticalisolationresulting
in low optical cross-talk.
HSDL-9100 is a class of its own with its small form SMD
packageandatadetectionrangefromnearzeroto60mm.
Itisspecificallyoptimizedforsize,performanceandeaseof
design in mobile constrained applications such as mobile
phones and notebooks.
HSDL-9100 has extremely low dark current and high
signal to noise ratio (SNR) where high SNR is achieved
with a pair of highly efficient infrared emitter and highly
sensitive detector.
Application Support Information
The Application Engineering Group is available to assist
youwiththeapplicationdesignassociatedwithHSDL-9100
ProximitySensor.Youcancontactthemthroughyourlocal
sales representatives for additional details.
Features
• Excellent optical isolation resulting in near zero optical
cross-talk
• Highefficiencyemitterandhighsensitivityphotodiode
for high signal-to-noise ratio
• Low cost & lead-free miniature surface-mount
package
Height – 2.70 mm
Width – 2.75 mm
Length – 7.10 mm
• Detect objects from near zero to 60mm
• Low dark current
• Guaranteed Temperature Performance
-40°C to 85°C
• Lead-free and RoHS Compliant
Applications
• Mobile phones
• Notebooks
• Industrial Control
• Printers, Photocopiers and Facsimile machines
• Home Appliances
• Vending Machines
Order Information
Part Number
Packaging Type
Package
Quantity
HSDL-9100-001
Tape and Reel
PCB Substrate, moulded package
500
HSDL-9100-021
Tape and Reel
PCB Substrate, moulded package
2500
HSDL - 9100
Surface-Mount Proximity Sensor
Data Sheet


Similar Part No. - HSDL-9100-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100_09 Datasheet
209Kb / 13P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com