Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5620-W50 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5620-W50
Description  6 - 20 GHz High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5620-W50 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5620-W50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Biasing and Operation
The AMMC-5620 is normally biased with a single positive
drain supply connected to the VDD bond pads shown in
Figure 19. The recommended supply voltage is 5 V, which
results in IDD = 95 mA (typical).
No ground wires are required because all ground con-
nections are made with plated through-holes to the
backside of the device.
Refer the Absolute Maximum Ratings table for allowed
DC and thermal conditions.
Assembly Techniques
The backside of the AMMC-5620 chip is RF ground. For
microstripline applications, the chip should be attached
directly to the ground plane (e.g., circuit carrier or heat-
sink) using electrically conductive epoxy[1].
For best performance, the topside of the MMIC should be
brought up to the same height as the circuit surrounding
it. This can be accomplished by mounting a gold plated
metal shim (same length and width as the MMIC) under
the chip, which is of the correct thickness to make the
chip and adjacent circuit coplanar.
The amount of epoxy used for chip and or shim at-
tachment should be just enough to provide a thin fillet
around the bottom perimeter of the chip or shim. The
ground plane should be free of any residue that may
jeopardize electrical or mechanical attachment.
The location of the RF bond pads is shown in Figure
20. Note that all the RF input and output ports are in a
Ground-Signal-Ground configuration.
RF connections should be kept as short as reasonable to
minimize performance degradation due to undesirable
series inductance. A single bond wire is sufficient for sig-
nal connections, however double-bonding with 0.7 mil
gold wire or the use of gold mesh[2] is recommended
for best performance, especially near the high end of the
frequency range.
Thermosonic wedge bonding is the preferred method
for wire attachment to the bond pads. Gold mesh can
be attached using a 2 mil round tracking tool and a tool
force of approximately 22 grams with an ultrasonic pow-
er of roughly 55 dB for a duration of 76 ± 8 mS. A guided
wedge at an ultrasonic power level of 64 dB can be used
for the 0.7 mil wire. The recommended wire bond stage
temperature is 150 ± 2 ° C.
Caution should be taken to not exceed the Absolute
Maximum Rating for assembly temperature and time.
The chip is 100 µm thick and should be handled with
care. This MMIC has exposed air bridges on the top
surface and should be handled by the edges or with a
custom collet (do not pick up die with vacuum on die
center.)
This MMIC is also static sensitive and ESD handling pre-
cautions should be taken.
Notes:
1. Ablebond 84-1 LM1 silver epoxy is recommended.
2. Buckbee-Mears Corporation, St. Paul, MN, 800-262-3824


Similar Part No. - AMMC-5620-W50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5620-W50 HP-AMMC-5620-W50 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W50 BOARDCOM-AMMC-5620-W50 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results

Similar Description - AMMC-5620-W50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com