Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5024-TR1G Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5024-TR1G
Description  30kHz - 40 GHz Traveling Wave Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024-TR1G Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-5024-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Outline Drawing
Figure 17. Outline Drawing
Figure 18. Suggested PCB Material and Land Pattern
Figure 19. Stencil Outline Drawing (mm)
Figure 20. Combined PCB and Stencil Layouts
Dimensional tolerance for back view: 0.002" [0.05 mm]
1
2 3
7
6 5
3 2 1
5 6 7
A
AMMP
XXXX
YWWDNN
A
8
4
B
0.114 [2.9]
0.014 [0.365]
0.016 [0.40]
0.012 [0.30]
0.028 [0.70]
0.093 [2.36]
0.016 [0.40]
0.100 [2.54]
0.011 [0.28]
0.018 [0.46]
0.126 [3.2]
0.059 [1.5]
0.100 [2.54]
0.029 [0.75]
4
8
Front View
Symbol
A
B
Min
0.198 (5.03)
0.0685 (1.74)
Max
0.213 (5.4)
0.088 (2.25)
Side View
Back View
Notes:
1. * Indicates Pin 1
2. Dimensions are in inches [millimeters]
3. All Grounds must be soldered to PCB RF Ground


Similar Part No. - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024-TR1G AVAGO-AMMP-5024-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5024-TR1G BOARDCOM-AMMP-5024-TR1G Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
More results

Similar Description - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com