Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5024-TR1G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5024-TR1G
Description  30kHz - 40 GHz Traveling Wave Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024-TR1G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5024-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
AMMP-5024 Typical Scattering Parameters
(Vdd = 7V, Idd = 200mA, TA = 25°C, Zin = Zo = 50Ohm)
Freq.
S11
S21
S12
S22
GHz
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
0.05
-25.978
0.050
73.70
6.86
6.446
74.640
-72.335
0.000
4.290
-26.454
0.048
-42.740

-26.744
0.046
7.220
5.72
6.0
00.990
-58.370
0.00 -65.550
-33.252
0.022
-90.950
2
-26.57
0.047
6.340
5.557
5.996
24.70
-53.860
0.002
-99.050
-23.888
0.064
-55.950
3
-26.930
0.045
2.940
5.263
5.797
-52.00
-49.34
0.004
5.990
-7.895
0.27
5.270
4
-29.254
0.035
6.460
5.395
5.885
-29.670
-47.270
0.004
55.720
-4.298
0.93
33.330
5
-9.848
0.02
-6.580
5.23
5.704
55.70
-44.66
0.006 -27.830
-2.23
0.248
-39.30
6
-4.255
0.94
-58.60
4.695
5.429
78.790
-42.263
0.008
58.680
-2.38
0.247
-04.940
7
-.38
0.277 -5.080
4.50
5.35
3.360
-40.89
0.009
85.780
-4.387
0.9
-59.490
8
-0.433
0.30
79.950
5.543
5.335
-7.300
-39.546
0.0
3.470
-8.374
0.2
53.00
9
-2.506
0.237
04.570
4.52
5.36
-47.300
-38.049
0.03
-57.350
-35.09
0.08
24.870
0
-7.570
0.32
5.780
4.440
5.272
37.020
-37.5
0.03 -35.60
-22.44
0.078
-72.790

-7.725
0.30
-99.60
4.7
5.439
59.00
-36.835
0.04
52.0
-24.802
0.058
6.650
2
-4.873
0.80
73.320
4.53
5.37
-20.030
-36.36
0.05
77.930
-23.867
0.064
74.450
3
-3.85
0.204
00.70
5.232
5.48
-97.380
-35.782
0.06
6.700
-5.395
0.70
94.380
4
-2.745
0.23
25.400
3.79
4.893
-72.930
-35.242
0.07
-69.860
-2.660
0.233
-3.90
5
-0.76
0.292
-5.690
3.598
4.785
0.940
-34.507
0.09 -39.850
-.70
0.260
-99.380
6
-8.667
0.369 -28.50
3.624
4.800
32.800
-34.278
0.09
45.780
-3.556
0.20
75.490
7
-7.590
0.47
53.760
4.037
5.034
-43.060
-33.476
0.02
70.520
-20.200
0.098
8.490
8
-8.99
0.389
74.850
3.957
4.987
-20.390
-32.375
0.024
-5.60
-9.304
0.08
38.90
9
-0.463
0.300
-.090
4.036
5.033
6.00
-3.78
0.026
-85.970
-3.297
0.26
7.230
20
-2.46
0.238
-78.400
4.29
5.83
8.230
-3.69
0.028 -62.750
-.796
0.257
-24.200
2
-3.659
0.208 -65.0
4.069
5.052
-2.200
-30.45
0.030
6.80
-3.6
0.220
-49.00
22
-2.899
0.227
6.340
3.220
4.582
-82.050
-30.29
0.03
35.000
-3.87
0.204
65.50
23
-0.55
0.3
34.530
3.003
4.468
-57.240
-29.62
0.033
-39.830
-.899
0.254
-33.300
24
-8.977
0.356
-42.090
3.722
4.854
26.770
-30.07
0.03 -0.330
-.948
0.253
-29.00
25
-8.885
0.360 -26.570
3.578
4.774
50.30
-28.925
0.036
74.660
-6.07
0.57
32.30
26
-0.63
0.294
25.640
4.768
5.475
-33.080
-28.294
0.039
88.570
-3.606
0.026
-22.730
27
-2.342
0.242
22.90
5.03
5.643
-22.80
-28.94
0.036
5.030
-.365
0.270
2.700
28
-.834
0.256
-49.790
4.375
5.233
59.050
-28.375
0.038
-65.960
-6.99
0.45
2.770
29
-0.876
0.286 -9.600
3.94
4.963
72.680
-28.988
0.036 -43.090
-8.057
0.396
-88.900
30
-5.263
0.73
32.230
3.992
5.008
-3.290
-28.236
0.039
35.300
-9.323
0.08
78.600
3
-20.05
0.099
.090
3.096
4.57
-97.250
-28.635
0.037
48.90
-8.293
0.385
-54.660
32
-8.785
0.364
-45.770
2.628
4.279
-76.240
-29.742
0.033
-34.570
-7.399
0.427
-2.060
33
-4.750
0.579 -3.440
3.436
4.697
04.860
-29.755
0.033 -04.760
-.404
0.269
-7.520
34
-9.580
0.332
58.370
3.70
4.555
0.340
-30.895
0.029
54.650
-3.866
0.203
-49.50
35
-3.936
0.20
78.060
.457
3.740
-67.360
-35.04
0.08
79.650
-9.98
0.37
33.420
36
-6.029
0.58
-43.060
3.3
4.535
-53.950
-32.535
0.024
-6.350
-9.60
0.33
-8.060
37
-.205
0.275 -28.40
2.777
4.354
5.460
-34.865
0.08 -02.940
-8.479
0.377
-42.750
38
-7.265
0.433
59.220
3.000
4.467
23.260
-33.033
0.022
54.830
-2.795
0.229
.60
39
-5.74
0.58
58.020
3.086
4.5
-75.620
-3.534
0.027
87.970
-7.08
0.40
-48.940
40
-5.580
0.526
-52.20
.090
3.585
-79.700
-34.663
0.09
-5.950
-5.054
0.77
-87.00
Notes:
1) S-parameters are measured on R&D Evaluation Board with 50 Ohm traces at input and output. Effects of connectors and board traces are
included in results.


Similar Part No. - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024-TR1G AVAGO-AMMP-5024-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5024-TR1G BOARDCOM-AMMP-5024-TR1G Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
More results

Similar Description - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com