Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-5024-TR1G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5024-TR1G
Description  30kHz - 40 GHz Traveling Wave Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024-TR1G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5024-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 6. Gain and Reverse Isolation.
Figure 7. Return Loss (Input and Output).
FREQUENCY (GHz)
0
20
10
0
-10
-20
0
-20
-40
-60
-80
40
5
25
30
15
10
20
35
5
25
30
15
10
20
35
S21
S12
Figure 8. Output Power (P1dB and P3dB).
Figure 9. Output IP3.
FREQUENCY (GHz)
0
30
25
20
15
10
5
0
40
Figure 10. Noise Figure.
FREQUENCY (GHz)
0
0
-5
-10
-15
-20
-25
-30
-35
-40
40
5
25
30
15
10
20
35
S11
S22
P1dB
P3dB
5
25
30
15
10
20
35
FREQUENCY (GHz)
0
10
8
6
4
2
0
40
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
AMMP-5024 Typical Performance
(Vdd = 4V, Idd = 160mA, Vg2 = Open, TA = 25°C , Zin = Zo = 50Ohm)


Similar Part No. - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024-TR1G AVAGO-AMMP-5024-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5024-TR1G BOARDCOM-AMMP-5024-TR1G Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
More results

Similar Description - AMMP-5024-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
   2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com