Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003-001 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3003-001
Description  IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3003-001 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3003-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
HSDL-3003 Tape and Reel Dimensions
Figure 13. Tape and reel dimensions.
16.40
+ 2.00
0
B
C
2.0 ± 0.50
8.00
± 0.10
4.0 ± 0.1
16.0 ± 0.3
1.75 ± 0.10
1.55 ± 0.05
0.40 ± 0.10
3.00 ± 0.10
POLARITY
PARTS
MOUNTED
LEADER
(40 mm MIN.)
EMPTY
(40 mm MIN.)
2.0 ± 0.1
PROGRESSIVE DIRECTION
"B" "C"
QUANTITY
PIN 8: GND
PIN 1: VLED
7.5 ± 0.1
R 1.0
2.0 ± 0.50
DIA. 13.0 ± 0.50
21.0
± 0.80
LABEL
DETAIL A
DETAIL A
330
80
2500
8.30 ± 0.10
5.00° (MAX.)
3.25 ± 0.10
5°(MAX.)
MATERIAL OF CARRIER TAPE: CONDUCTIVE POLYSTYRENE
MATERIAL OF COVER TAPE: PVC
METHOD OF COVER: HEAT ACTIVATED ADHESIVE
UNIT: mm
EMPTY
(40 mm MIN.)
1.50 ± 0.10
AA
SECTION A-A
B
B
SECTION B-B


Similar Part No. - HSDL-3003-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003-021 HP-HSDL-3003-021 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results

Similar Description - HSDL-3003-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com