Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3003-001 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3003-001
Description  IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3003-001 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-3003-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3003-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Absolute Maximum Ratings at TA = 25
°C
For implementations where case to ambient thermal resistance is
≤ 50°C/W
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
-40
100
°C
Operating Temperature
TA
-20
70
°C
LED Supply Voltage
VLED
06
V
Supply Voltage
VCC
06
V
Output Voltage: RxD
VO
06
V
Total LED Current Pulse Amplitude
IVLED
580
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
IR LED Current Pulse Amplitude
(IVLED)IR
280
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
RC LED Current Pulse Amplitude
(IVLED)RC
580
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-20
70
°C
Supply Voltage
VCC
2.4
3.6
V
LED Supply Voltage
VLED
2.4
4.5
V
Logic Input Voltage
Logic High
VIH
2/3 VCC
VCC
V
for TxD_IrDA, TxD_RC
Logic Low
VIL
0
1/3 VCC V
Receiver Input
Logic High
EIH
0.0081
500
mW/cm2
For in-band signals
≤ 115.2 kbit/s[3]
Irradiance
Logic Low
EIL
0.3
µW/cm2 For in-band signals[3]
Receiver Data Rate
9.6
115.2
kbit/s


Similar Part No. - HSDL-3003-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003-021 HP-HSDL-3003-021 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results

Similar Description - HSDL-3003-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com