Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-521A Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-521A
Description  14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-521A Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-521A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-521A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-521A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-521A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-521A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-521A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Internal Circuit Diagram
Absolute Maximum Ratings at TA = 25˚C
AlGaAs Red
Description
HDSP-52xA
Units
Power Dissipation Segment
30
mW
Forward Current Segment
15[1]
mA
Peak Forward Current per Segment
80
mA
(1/10 Duty Factor at 10 KHz)
Operating Temperature Range
–35 to +85
˚C
Storage Temperature Range
–35 to +85
˚C
Reverse Voltage per Segment or DP
5
V
Wavesoldering Temperature for 3 seconds
250
˚C
(at 2 mm Distance from the bodyz)
Note:
1. Derate above 25˚C at 0.2 mA/˚C.
Intensity Bin Limits (mcd at 10 mA)
Bin
AlGaAs Red
Name
Min.[1]
Max.[1]
J
3.201
5.050
K
5.051
8.000
L
8.001
12.650
Note:
1. Tolerance for each bin limit is
± 10%.
f
17
16
15
14
13
12
11
10
12
3
4
56
789
COMMON ANODE
e
g
d
a
b
c
DP
e
d
c
DP
g
a
b
f
18
f
17
16
15
14
13
12
11
10
12
3
4
56
789
COMMON CATHODE
e
g
d
a
b
c
DP
e
d
c
DP
g
a
b
f
18
COMMON ANODE
COMMON CATHODE
PIN
FUNCTION
PIN
1E CATHODE NO. 1
2D CATHODE NO. 1
3C CATHODE NO. 1
4
DP CATHODE NO. 1
5E CATHODE NO. 2
6D CATHODE NO. 2
7G CATHODE NO. 2
8C CATHODE NO. 2
9
DP CATHODE NO. 2
10
B CATHODE NO. 2
11
A CATHODE NO. 2
12
F CATHODE NO. 2
1
2
3
4
5
6
7
8
9
10
11
12
FUNCTION
13
DIGIT NO. 2 ANODE
13
14
DIGIT NO. 1 ANODE
14
15
B CATHODE NO. 1
15
16
A CATHODE NO. 1
16
17
G CATHODE NO. 1
17
18
F CATHODE NO. 1
18
E ANODE NO. 1
D ANODE NO. 1
C ANODE NO. 1
DP ANODE NO. 1
E ANODE NO. 2
D ANODE NO. 2
G ANODE NO. 2
C ANODE NO. 2
DP ANODE NO. 2
B ANODE NO. 2
A ANODE NO. 2
F ANODE NO. 2
DIGIT NO. 2 CATHODE
DIGIT NO. 1 CATHODE
B ANODE NO. 1
A ANODE NO. 1
G ANODE NO. 1
F ANODE NO. 1


Similar Part No. - HDSP-521A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A-JJ000 HP-HDSP-521A-JJ000 Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-521A-JK000 HP-HDSP-521A-JK000 Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
HDSP-521A-JL000 HP-HDSP-521A-JL000 Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
More results

Similar Description - HDSP-521A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
LUMEX INC.
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RO LUMEX-LDD-A514RO Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A515RE LUMEX-LDD-A515RE Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A512RI LUMEX-LDD-A512RI Datasheet
61Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com