Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMB-C150 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMB-C150
Description  Surface Mount Chip LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMB-C150 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMB-C150 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMB-C150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HSMB-C191
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
Absolute Maximum Ratings at TA=25°C
Parameter
HSMB-C190/C170/C110/C150/C191
Units
DCForwardCurrent[1]
20
mA
PeakPulsingCurrent[2]
100
mA
PowerDissipation
92
mW
ReverseVoltage(IR=100µA)
5
V
MaximumLEDJunctionTemperature
95
°C
OperatingTemperatureRange
-30to+85
°C
StorageTemperatureRange
-40to+85
°C
SolderingTemperature
Seereflowsolderingprofile(Figure7&8)
Notes:
1. DeratelinearlyasshowninFigure4fortemperatureabove25°C.
2.Pulseconditionof1/10dutyand0.1msec.width.
HSMx-C191
1.6
(0.063 )
0.3 (0.012)
0.3 ± 0.15
(0.012 ± 0.006)
0.3 (0.012)
POLARITY
CATHODE
MARK
0.6 (0.023)
0.3 ± 0.15
(0.012 ± 0.006)
1.0
(0.039)
0.4 (0.016)
LED DIE
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINAL
0.8 (0.031)
CATHODE LINE
0.7 (0.028) MIN.


Similar Part No. - HSMB-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C150 HP-HSMB-C150 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMB-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com