Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3220 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3220
Description  IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3220 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3220 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
HSDL-3220 Tape and Reel Dimensions
Note: The carrier tape is compliant to the packaging materials standards for ESD sensitive device, EIA-541
Unit: mm
1.75
± 0.1
7.5
± 0.1
16.0
± 0.2
8.0
± 0.1
8.4
± 0.1
4.0
± 0.1
1.5
± 0.1
3.4
± 0.1
Progressive Direction
2.8
± 0.1
0.4
± 0.05
POLARITY
Ø1.5 +0.1
0
Pin 8: VLED
Pin 1: GND
Empty
(40 mm min)
Parts Mounted
Leader
(400 mm min)
Empty
(40 mm min)
Unit: mm
LABEL
Detail A
Option #
"B"
178
60
Quantity
500
001
330
80
2500
021
"C"
13.0
± 0.5
2.0
± 0.5
21
± 0.8
R1.0
Detail A
2.0
± 0.5
16.4 +2
0
BC


Similar Part No. - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-001 HP-HSDL-3220-001 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-021 HP-HSDL-3220-021 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com