Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5040 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5040
Description  20-45 GHz GaAs Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5040 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AMMC-5040 Typical Performance (T
chuck = 25°C)
Figure 7. Output Return Loss and Drain
Voltage, IDD=350 mA.
FREQUENCY (GHz)
0
-5
-10
-15
-20
20
45
35
30
25
40
3.5V
4V
4.5V
5V
Figure 8. Output Power (P-1dB) and Drain
Current, VDD=4.5V.
FREQUENCY (GHz)
25
20
15
10
5
20
45
35
30
25
40
100mA
200mA
300mA
350mA
Figure 9. Output Power at P-1dB and P-3dB,
VDD=4.5V, IDD=300 mA.
FREQUENCY (GHz)
26
24
22
20
18
16
20
45
35
30
25
40
P-1dB
P-3dB
Figure 10. Noise Figure, VDD=4.5V,
IDD=300 mA.
FREQUENCY (GHz)
15
13
11
9
7
5
20
45
35
30
25
40
Figure 11. Output Power (P-1dB) and Drain
Voltage, IDD=300 mA.
FREQUENCY (GHz)
25
23
21
19
17
15
20
45
35
30
25
40
3.5V
4V
4.5V
5V
Figure 12. Output 3rd Order Intercept Point,
VDD=4.5V, IDD=300 mA.
FREQUENCY (GHz)
35
30
25
20
15
10
20
45
35
30
25
40


Similar Part No. - AMMC-5040

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
More results

Similar Description - AMMC-5040

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
   20??5 GHz GaAs Amplifier
logo
Tyco Electronics
MAAPSM0015 MACOM-MAAPSM0015 Datasheet
158Kb / 3P
   DC-20 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com