Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HB54 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB54
Description  5 mm Precision Optical Performance InGaN Oval LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB54 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HB54 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB54 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Precautions:
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads of
LED to length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress of the lead cutting from traveling to
the LED chip die attach and wirebond.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
Soldering Conditions
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• TheclosestLEDisallowedtosolderonboardis1.59mm
below the body (encapsulant epoxy) for those parts
without standoff.
• Recommended soldering conditions:
• Wave soldering parameter must be set and maintained
according to recommended temperature and dwell
time in the solder wave. Customer is advised to
periodically check on the soldering profile to ensure the
soldering profile used is always conforming to
recommended soldering condition.
Notes:
1. PCB with different size and design (component density)
will have different heat mass (heat capacity). This might
cause a change in temperature experienced by the board if
same wave soldering setting is used. So, it is recommended
to recalibrate the soldering profile again before loading a
new type of PCB.
2. Avago Technologies' high brightness LED are using high
efficiency LED die with single wire bond as shown below.
Customer is advised to take extra precaution during wave
soldering to ensure that the maximum wave temperature
is not exceeding 250
°C. Overstressing the LED during
soldering process might cause premature failure to the LED
due to delamination.
Manual Solder
Wave Soldering
Dipping
Pre-heat Temperature
105
°C Max.
Pre-heat Time
30 sec Max.
Peak Temperature
250
°C Max.
260
°C Max.
Dwell Time
3 sec Max.
5 sec Max.
Relative Light Output vs. Junction Temperature
0
1.0
TJ – JUNCTION TEMPERATURE – °C
-40
1.2
0.8
-20
0
20
40
60
80
0.2
0.4
0.6
GREEN
BLUE


Similar Part No. - HLMP-HB54

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB57 AVAGO-HLMP-HB57 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-KN0XX AVAGO-HLMP-HB57-KN0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LMCXX AVAGO-HLMP-HB57-LMCXX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LP0XX AVAGO-HLMP-HB57-LP0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results

Similar Description - HLMP-HB54

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com