Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3021 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3021
Description  IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3021 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-3021 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
Waveform 1. RXD output waveform
Waveform 2. LED optical waveform
Waveform 3. TXD ”stuck on“ protection waveform
Waveform 4. Receiver wakeup time waveform
Waveform 5. TXD wakeup time waveform
Timing Waveforms
tf
VOH
90%
50%
10%
VOL
tpw
tr
tf
LED OFF
90%
50%
10%
LED ON
tpw
tr
tpw (MAX.)
TXD
LED
RX
LIGHT
tRW
RXD
SD
TX
LIGHT
tTW
TXD
SD


Similar Part No. - HSDL-3021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3020-021 AVAGO-HSDL-3020-021 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - HSDL-3021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com