Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G926 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G926
Description  Dual 500mA LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G926 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G926 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G926 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 0.3 Preliminary
Oct 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G926
Global Mixed-mode Technology Inc.
SOP-8 (FD) Package
Note:
1. JEDEC Outline: MS-012 AA/E.P. Version: N/A
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions and gate burrs shall not ex-
ceed .15mm (.006in) per side.
3. Dimensions “E” does not include inter-lead flash, or protrusions inter-lead flash and protrusions shall not exceed .25mm
(.010in) per side.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
MAX
MIN
MAX
A
1.35
1.75
0.053
0.069
A1
0.00
0.13
0.000
0.005
A2
-----
1.50
-----
0.059
B
0.41TYP
0.016TYP
D
4.80
4.98
0.189
0.196
E
3.81
3.99
0.150
0.157
e
1.27TYP
0.05TYP
H
5.80
6.20
0.228
0.244
L
0.41
1.27
0.016
0.050
θ
D1
-----
2.29
-----
0.090
E1
-----
2.29
-----
0.090
Taping Specification
PACKAGE
Q’TY/REEL
SOP-8
2,500 ea
SOP-8 (FD)
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SOP Package Orientation
Feed Direction
Typical SOP Package Orientation
D
E
H
0.015x45º
A1
A2
A
e
B
0.004MAX.
L
θ
E1
D1
0.008TYP
SEATING PLANE
D
E
H
0.015x45º
A1
A2
A
e
B
0.004MAX.
0.004MAX.
L
θ
E1
D1
0.008TYP
SEATING PLANE


Similar Part No. - G926

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926AF1U GMT-G926AF1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926AP1U GMT-G926AP1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926BF1U GMT-G926BF1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926BP1U GMT-G926BP1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results

Similar Description - G926

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
   Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com