Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G930 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G930
Description  3.5V 400mA Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G930 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver: 4.6
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G930/G931
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
SOT-89 Max.Power Dissipation vs.
PCB Top Copper Area
TAMB = 25°C ; Still Air
0
0.5
1
1.5
2
2.5
3
01
23
45
PCB Top Copper Area (in2)
SOT-89 Max. Power Dissipation vs. TAMB
(still air)
( Different PCB Top Copper Area )
0.5
1
1.5
2
2.5
3
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit : in
2
Recommended Minimum Footprint
SOT-89


Similar Part No. - G930

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930T21B GMT-G930T21B Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930T21T GMT-G930T21T Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930T21U GMT-G930T21U Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930T22B GMT-G930T22B Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
More results

Similar Description - G930

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com