Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G954 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G954
Description  2A Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G954 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G954_07 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G954_07 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver: 0.9
Apr 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G954
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
1.2
1.4
1.6
1.8
2
IL (A)
TA=-25°C
TA=25°C
TA=85°C
1.0
1.5
2.0
2.5
3.0
-25 -15 -5
5
1525 3545 55
657585
Temperature (°C)
VIN=4V
VIN=5V
1.800
1.805
1.810
1.815
1.820
1.825
5
15
25354555
657585
Temperature (
°C)
IL=4A
IL=5A
IL=10mA
IL=10mA
1.764
1.774
1.784
1.794
1.804
1.814
1.824
0
0.5
1
1.5
2
IL (A)
TA=25°C
VIN=4V
VIN=5V
Max. Power Dissipation
vs. PCB Top Copper Area
Max. Power Dissipation vs. TAMB
G954-18 Quiescent Current vs. Temperature
G954-18 Dropout Voltage vs. IL
G954-18 Output Voltage vs. Temperature
G954-18 Output Voltage vs. IL
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in
2)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit : In
2


Similar Part No. - G954_07

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G954-12T55U GMT-G954-12T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954-15T55U GMT-G954-15T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954-18T55U GMT-G954-18T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954-25T55U GMT-G954-25T55U Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
More results

Similar Description - G954_07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
   2A, LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
G954 GMT-G954 Datasheet
316Kb / 7P
   2A Low Dropout Regulator
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
   2A LOW DROPOUT LINEAR REGULATOR
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
   2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com