Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CW77-NR0XX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW77-NR0XX
Description  T-1(5mm) Extra Bright Precision Optical Performance White LED Lamps.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW77-NR0XX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW77-NR0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW77-NR0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
5
10
15
20
25
30
35
0
20
40
60
80
100
AMBIENT TEMPERATURE - ˚C
R
θJ-A = 585˚C/W
R
θJ-A = 780˚C/W
Figure 3. Relative Intensity versus DC
Forward Current
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Forward Current vs. Ambient
Temperature
Electrical/Optical Characteristics TA = 25oC
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA
2. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
Parameters
Symbol
Min
Typ
Max
Units
Test Condition
Forward voltage
VF
3.2
4.0
V
IF = 20 mA
Reverse Voltage [1]
VR
5.0
V
IR = 10
µA
Thermal resistance
R
θ
J-PIN
240
oC/W
LED Junction to anode lead
Chromaticity Coordinates [2]
X
Y
0.31
0.31
IF = 20 mA
Capacitance
C
70
VF=0, f=1MHz
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH - nm
0
0.3
0.6
0.9
1.2
1.5
010
20
30
FORWARD CURRENT - mA
Notes:
1. Derate linearly as shown in figure 2.
2. Duty factor 10%, frequency 1KHz
Absolute Maximum Rating at TA = 25oC
Parameters
Value
Unit
DC forward current [1]
30
mA
Peak pulsed forward current [2]
100
mA
Power dissipation
105
mW
LED junction temperature
110
oC
Operating temperature range
-40 to +85
oC
Storage temperature range
-40 to +100
oC


Similar Part No. - HLMP-CW77-NR0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CW70-LMBXX AVAGO-HLMP-CW70-LMBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
More results

Similar Description - HLMP-CW77-NR0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE17 AVAGO-HLMP-CE17 Datasheet
378Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-35CDD AVAGO-HLMP-CE13-35CDD Datasheet
225Kb / 9P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-24CDD AVAGO-HLMP-CE13-24CDD Datasheet
380Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CYXX AVAGO-HLMP-CYXX Datasheet
292Kb / 9P
   Precision Optical Performance 5mm Round Warm White LED Lamps
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com