Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G965-18ADJTS1U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G965-18ADJTS1U
Description  1.5A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G965-18ADJTS1U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G965-18ADJTS1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G965-18ADJTS1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 1.7
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G965
Global Mixed-mode Technology Inc.
1.5A Low Dropout Regulator with Enable
Features
Adjustable Output from 1.2V to 4.8V Using Ex-
ternal Resistors
1.5V, 1.8V and 2.5V Options by Setting ADJ Pin
Below 0.2V
Over Current and Over Temperature Protection
500mV Dropout @1.5A
Enable Pin
10μA Quiescent Current in Shutdown
1.5V, 1.8V and 2.5V Fixed Vo Options by Setting
ADJ Pin Below 0.2V
SOT-223-5 and SOP-8 Package
Applications
Battery Powered Systems
Motherboards
Peripheral Cards
Network Cards
Set Top Boxes
Medical Equipment
Notebook Computers
General Description
The G965 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 1.5 Amps. Since it
has superior dropout characteristics compared to
regular LDOs, it can be used to supply 2.5V on moth-
erboards or 1.5V, 1.8V on peripheral cards from the
3.3V supply thus allowing the elimination of costly
heatsinks. An enable pin further reduces power dissi-
pation while shut down. The G965 provides excellent
regulation over variations in line, load and tempera-
ture.
The G965 is available with 1.5V, 1.8V and 2.5V inter-
nally preset outputs that are also adjustable using ex-
ternal resistors.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP. RANGE
PACKAGE
G965-15ADJTS1U
G965-15ADJTS1Uf
G965-15
-40°C ~ +85°C
SOT-223-5
G965-18ADJTS1U
G965-18ADJTS1Uf
G965-18
-40°C ~ +85°C
SOT-223-5
G965-25ADJTS1U
G965-25ADJTS1Uf
G965-25
-40°C ~ +85°C
SOT-223-5
G965-15ADJP1U
G965-15ADJP1Uf
G965-15
-40°C ~ +85°C
SOP-8
G965-18ADJP1U
G965-18ADJP1Uf
G965-18
-40°C ~ +85°C
SOP-8
G965-25ADJP1U
G965-25ADJP1Uf
G965-25
-40°C ~ +85°C
SOP-8
Note: TS: SOT-223-5
P1: SOP-8
1: Bonding Code
U : Tape & Reel
e.g. 18 denotes the 1.8V output voltage.
Pin Configuration
Typical Application Circuit
VO
8
6
5
1
2
3
4
VEN
VIN
ADJ
SOP-8
G965
7
GND
GND
GND
GND
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G965
1.2 (R1+R2)
VO =
R2
Volts
C1
22µF
C2
47µF
R2=12k
Ω is recommended
VEN
R3
I
ENH
R3 should be connected for current I
ENH
restriction as V
EN > VIN+0.3V
R2=0
Ω sets V
O to fixed output mode.
SOT-223-5
Top View
1
3
2
4
VEN VIN VO ADJ
5
GND
VO
8
6
5
1
2
3
4
VEN
VIN
ADJ
SOP-8
G965
7
GND
GND
GND
GND
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G965
1.2 (R1+R2)
VO =
R2
Volts
C1
22µF
C2
47µF
R2=12k
Ω is recommended
VEN
R3
I
ENH
R3 should be connected for current I
ENH
restriction as V
EN > VIN+0.3V
R2=0
Ω sets V
O to fixed output mode.
SOT-223-5
Top View
1
3
2
4
VEN VIN VO ADJ
5
GND


Similar Part No. - G965-18ADJTS1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965-18ADJP1U GMT-G965-18ADJP1U Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G965-18ADJP1UF GMT-G965-18ADJP1UF Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G965-18ADJTS1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
   1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
   4A Low Dropout Regulator with Enable
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com