Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1201 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1201
Description  Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1201 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1201_05 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1201_05 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver 1.2
Jul 24, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1201
Global Mixed-mode Technology Inc.
Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
Features
Single-Supply Operation: 2.2 Volts to 6 Volts
High Output Current: ±100mA
Wide Bandwidth: 3.5 MHz
Slew Rate: 6.2 V/µs
No Phase Reversal
Unity Gain Stable
Rail-to-Rail Input and Output
Applications
Multimedia Audio
LCD Driver
ASIC Input or Output Amplifier
Headphone Driver
General Description
The G1201 is dual rail-to-rail input and output sin-
gle-supply amplifiers featuring 100mA output drive
current. This high output current makes these amplifi-
ers excellent for driving either resistive or capacitive
loads. AC performance is very good with 3.5MHz
bandwidth, 6.2V/µs-slew rate and low distortion. All
are guaranteed to operate from a +3 volt single supply
as well as a +5 volt supply.
The very low input bias currents enable the G1201 to
be used for integrators and diode amplification and
other applications requiring low input bias current. Al-
lowing low current applications to control high current
loads.
Applications include audio amplification for computers,
sound ports, sound cards and set-top boxes. The
G1201 is very stable and capable of driving heavy
capacitive loads.
The ability to swing rail-to-rail at the inputs and outputs
enables designers to buffer CMOS ADC/DACs, ASICs
or other wide output swing devices in single-supply
systems.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
G1201P1U
G1201P1Uf
-40°C to +85°C
SOP-8
Note: P1: SOP-8
U: Tape & Reel
Pin Configuration
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
OUT B
OUT A
8
7
6
5
-IN A
+IN A
V-
V+
-IN B
+IN B
G1201
1
4
2
3
SOP-8
OUT B
OUT A
8
7
6
5
-IN A
+IN A
V-
V+
-IN B
+IN B
G1201
1
1
4
2
2
3
3
SOP-8


Similar Part No. - G1201_05

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
More results

Similar Description - G1201_05

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201 GMT-G1201 Datasheet
258Kb / 8P
   Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1211 GMT-G1211 Datasheet
212Kb / 6P
   Rail-to-Rail I/O, 100mA Output Op Amp
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
   Power Supply Rail to Rail I/O
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com