Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G965-15ADJP1U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G965-15ADJP1U
Description  1.5A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G965-15ADJP1U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G965-15ADJP1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G965-15ADJP1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 1.7
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G965
Global Mixed-mode Technology Inc.
Package Information
SOT-223-5 Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.52
1.66
1.80
0.061
0.066
0.071
A1
0.02
0.06
0.10
0.0008
0.0024
0.0040
A2
1.50
1.60
1.70
0.059
0.063
0.067
b
0.60
0.70
0.80
0.024
0.0275
0.031
b1
2.90
3.00
3.10
0.114
0.118
0.122
c
0.24
0.28
0.32
0.009
0.011
0.013
D
6.30
6.55
6.80
0.248
0.258
0.268
E1
3.30
3.50
3.70
0.130
0.138
0.146
e
1.50 BSC
0.059 BSC
E
6.70
7.00
7.30
0.264
0.2755
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10°
10°
A
b
13
°(4X)
A1
e
E1
b1
D
E
C
α
13
°(4X)
L2
L
Gauge plane
0.2000
A2
A
b
13
°(4X)
A1
e
E1
b1
D
E
C
α
13
°(4X)
L2
L
Gauge plane
0.2000
A2


Similar Part No. - G965-15ADJP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965-15ADJP1U GMT-G965-15ADJP1U Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G965-15ADJP1UF GMT-G965-15ADJP1UF Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G965-15ADJP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
   1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
   4A Low Dropout Regulator with Enable
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com