Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1201P1U Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G1201P1U
Description  Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1201P1U Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

  G1201P1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1201P1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver 1.2
Jul 24, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G1201
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
B
0.33
-----
0.51
0.013
-----
0.020
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
3.80
-----
4.00
0.150
-----
0.157
e
-----
1.27
-----
-----
0.050
-----
H
5.80
-----
6.20
0.228
-----
0.244
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
SOP-8
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SOP Package Orientation
Feed Direction
Typical SOP Package Orientation
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ


Similar Part No. - G1201P1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201 GMT-G1201 Datasheet
258Kb / 8P
   Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
More results

Similar Description - G1201P1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1201 GMT-G1201 Datasheet
258Kb / 8P
   Rail-to-Rail I/O, 100mA Output Single-Supply Amplifiers
G1211 GMT-G1211 Datasheet
212Kb / 6P
   Rail-to-Rail I/O, 100mA Output Op Amp
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
   Power Supply Rail to Rail I/O
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com