Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G965-15ADJTS1UF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G965-15ADJTS1UF
Description  1.5A Low Dropout Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G965-15ADJTS1UF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G965-15ADJTS1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G965-15ADJTS1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 1.7
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G965
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
Recommended Minimum Footprint
Short Circuit Current
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Frequency (Hz)
I
L = 10mA
Ripple Rejection
I
L = 500mA
I
L = 1.5A
V
IN = 4V
C
OUT = 10μF
V
ripple = 224mV
0
0.5
1
1.5
2
2.5
01
23
4
5
PCB Top Copper Area (in2)
G965 Max. Power Dissipation
vs. PCB Top Copper Area
0
0.5
1
1.5
2
2.5
25
35
45
55
65
75
85
T
AMB (
o
C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit:in2
G965 Max. Power Dissipation
vs. TAMB (still air)
SOP-8
SOT-223-5


Similar Part No. - G965-15ADJTS1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965-15ADJP1U GMT-G965-15ADJP1U Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G965-15ADJP1UF GMT-G965-15ADJP1UF Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
More results

Similar Description - G965-15ADJTS1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
   1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
   4A Low Dropout Regulator with Enable
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com