Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1431 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G1431
Description  2W Stereo Audio Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1431 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1431_06 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1431_06 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ver: 1.5
Oct 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1431
Global Mixed-mode Technology Inc.
Typical Characteristics (continued)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=3Ω
Av=15.6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=3Ω
Av=21.6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=4Ω
Av=6dB
Po=0.25W
Po=1.5W
Po=1W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=4Ω
Po=1.75W
Av=21.6dB
Av=6dB
Av=10dB
Av=15.6dB
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=4Ω, Av=6dB
15kHz
1kHz
20Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5m
10m
20m
50m
100m
200m
500m
1
2
W
VDD=5V
RL=4Ω, Av=10dB
15kHz
1kHz
20Hz
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Power
Figure 5
Figure 6
Total Harmonic Distortion
Plus Noise vs Frequency
Total Harmonic Distortion
Plus Noise vs Frequency
Figure 7
Figure 8
Figure 9
Figure 10
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Power


Similar Part No. - G1431_06

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1431F2U GMT-G1431F2U Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
More results

Similar Description - G1431_06

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com