Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G952T65UF Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G952T65UF
Description  1.8V 1A Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952T65UF Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G952T65UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G952T65UF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G952
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10°
10°
Taping Specification
PACKAGE
Q’TY/REEL
SOT-89
1,000 ea
SOT-223
2,500 ea
TO-252
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L
Feed Direction
SOT-89 、223 Package Orientation
Feed Direction
TO-252 Package Orientation
Feed Direction
SOT-89 、223 Package Orientation
Feed Direction
TO-252 Package Orientation


Similar Part No. - G952T65UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952T63U GMT-G952T63U Datasheet
142Kb / 8P
   1.8V 1A Regulator
More results

Similar Description - G952T65UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
   1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G957 GMT-G957 Datasheet
307Kb / 8P
   1.5V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com