Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1431R9U Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G1431R9U
Description  2W Stereo Audio Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1431R9U Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G1431R9U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1431R9U Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ver: 1.5
Oct 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G1431
Global Mixed-mode Technology Inc.
Application Circuit (continued)
Typical G1431 Application Circuit Using Differential Inputs
TO SYSTEM
CONTROL
R
SPEAKER
RIGHT
NEGATIVE
DIFFERENTIAL
INPUT SIGNAL
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
LOUT-
LIN+
BYPASS
GND
NC
GND
ROUT-
PVDD
VDD
RIN-
ROUT+
GND
SHUTDOWN
1
2
3
4
5
6
7
8
CLIN-
VDD
CRIN-
VDD
CS1
CS2
C3
1µF
10µF
1µF
SPEAKER
LEFT
NEGATIVE
DIFFERENTIAL
INPUT SIGNAL
C1
1µF
C4
1µF
C2
1µF
C5
1µF
9
10
11
12
13
14
15
16
17
18
19
20
CRIN+
CLIN+
Cb
L
RIGHT
POSITIVE
DIFFERENTIAL
INPUT SIGNAL
LEFT
POSITIVE
DIFFERENTIAL
INPUT SIGNAL
Typical G1431 Application Circuit Using Differential Inputs
TO SYSTEM
CONTROL
R
SPEAKER
RIGHT
NEGATIVE
DIFFERENTIAL
INPUT SIGNAL
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
LOUT-
LIN+
BYPASS
GND
NC
GND
ROUT-
PVDD
VDD
RIN-
ROUT+
GND
SHUTDOWN
1
2
3
4
5
6
7
8
CLIN-
VDD
CRIN-
VDD
CS1
CS2
C3
1µF
10µF
1µF
SPEAKER
LEFT
NEGATIVE
DIFFERENTIAL
INPUT SIGNAL
C1
1µF
C4
1µF
C2
1µF
C5
1µF
9
10
11
12
13
14
15
16
17
18
19
20
CRIN+
CLIN+
Cb
L
RIGHT
POSITIVE
DIFFERENTIAL
INPUT SIGNAL
LEFT
POSITIVE
DIFFERENTIAL
INPUT SIGNAL


Similar Part No. - G1431R9U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
G1431F2U GMT-G1431F2U Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
More results

Similar Description - G1431R9U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com