Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G962-25ADJTJUF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G962-25ADJTJUF
Description  2A Low Dropout Regulator with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G962-25ADJTJUF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G962-25ADJTJUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G962-25ADJTJUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver: 1.0
Jan 08, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G962
Global Mixed-mode Technology Inc.
Typical Characteristics (continued)
0
100
200
300
400
500
600
700
800
900
00.511.5
2
IL (A)
T=
-25°C
T=85°C
T=25°C
G962-18
Dropout Voltage vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN=6V
VIN=4V
VIN=5V
G962-33
Quiescent Current vs. Temperature
2
3
4
5
6
7
8
-40
-20
0
204060
80
Temperature (°C )
VIN=6V
VIN=7V
G962-50
Quiescent Current vs. Temperature
0
100
200
300
400
500
600
700
00.511.5
2
IL (mA)
T=-25°C
T=25°C
T=85°C
G962-25
Dropout Voltage vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20406080
100
Temperature (°C)
IL=2A
G962-33
Dropout Voltage vs. Temperature
0
100
200
300
400
500
600
700
800
-40
-15
10
35
60
85
Temperature (°C )
IL=2A
G962-50
Dropout Voltage vs. Temperature


Similar Part No. - G962-25ADJTJUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962-25ADJTJUF GMT-G962-25ADJTJUF Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
More results

Similar Description - G962-25ADJTJUF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
   2A Low-Dropout Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com