Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1214T1UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G1214T1UF
Description  Rail-to-Rail I/O, High-Slew-Rate OP Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1214T1UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G1214T1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1214T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1214T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1214T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1214T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1214T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ver: 1.8
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G1214
Global Mixed-mode Technology Inc.
SC-70-5 (TA) Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
0.90
1.10
0.035
0.043
A1
0.00
0.10
0.00
0.004
A2
0.90
1.00
0.035
0.039
b
0.15
0.35
0.006
0.014
c
0.08
0.15
0.003
0.006
D
2.00
2.20
0.079
0.087
E
1.15
1.35
0.045
0.053
E1
2.15
2.45
0.085
0.096
e
0.65 TYP
0.026 TYP
e1
1.20
1.40
0.047
0.055
L
0.525 REF
0.021REF
L1
0.26
0.46
0.010
0.018
θ
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-5
3,000 ea
SC-70-5
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
D
e1
e
E1
b
A1
A2
A
c
L1
0.20
E
L
θ
D
e1
e
E1
b
A1
A2
A
c
L1
0.20
E
L
θ
Feed Direction
SOT-23-5、SC-70-5L Package Orientation
Feed Direction
SOT-23-5、SC-70-5L Package Orientation


Similar Part No. - G1214T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
List of Unclassifed Man...
G1214 ETC2-G1214 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1214 HEYCO-G1214 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results

Similar Description - G1214T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
   RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1244 GMT-G1244 Datasheet
38Kb / 1P
   Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_07 Datasheet
335Kb / 8P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com