Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMB-A100-J00J1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMB-A100-J00J1
Description  Surface Mount LED Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMB-A100-J00J1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMB-A100-J00J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMB-A100-J00J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient
temperature. Derated based on TJMAX = 110˚C,
JA = 500˚C/W.
Figure 5. Dominant wavelength vs. forward
current – InGaN devices.
0
3
FORWARD VOLTAGE – V
0
10
30
35
5
5
20
15
25
1
2
4
HSMC/J/L/A/E
HSMM/K/N
HSMH
HSMS/D/Y/G
HSMZ/V/U
HSMB
Figure 4b. Maximum Forward Current Vs. Solder
Point Temperature. Derated based on TJMAX =
110°C, RθJP = 180°C/W or 280°C/W.
0
5
10
15
20
25
30
35
0
20
40
60
80
100 120
TEMPERATURE (°C)
HSMS/D/G/
Y/H/Z/V/U
HSME
HSMM/K/B/N
HSMC/J/L/A
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
TEMPERATURE (°C)
HSMS/D/G/Y/H
HSMC/J/L/A
HSMZ/V/U
HSMB
HSMM/K/N
HSME
0
20
CURRENT – mA
460
480
540
HSMx-A100 fig 5
35
500
470
510
10
490
520
25
GREEN
5
15
30
530
CYAN
BLUE


Similar Part No. - HSMB-A100-J00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-A100-J00J1 HP-HSMB-A100-J00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMB-A100-J00J1 HP-HSMB-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMB-A100-J00J1 HP-HSMB-A100-J00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
More results

Similar Description - HSMB-A100-J00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com