Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT244ATSOC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT244ATSOC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT244ATSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT244ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 8Page - Texas Instruments CY74FCT244ATSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CY54FCT240T, CY74FCT240T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS017A – MAY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
SO
Tube
4.3
CY74FCT240CTSOC
FCT240C
SOIC – SO
Tape and reel
4.3
CY74FCT240CTSOCT
FCT240C
QSOP – Q
Tape and reel
4.3
CY74FCT240CTQCT
FCT240C
SOIC
SO
Tube
4.8
CY74FCT240ATSOC
FCT240A
–40
°C to 85°C
SOIC – SO
Tape and reel
4.8
CY74FCT240ATSOCT
FCT240A
QSOP – Q
Tape and reel
4.8
CY74FCT240ATQCT
FCT240A
SOIC
SO
Tube
8
CY74FCT240TSOC
FCT240
SOIC – SO
Tape and reel
8
CY74FCT240TSOCT
FCT240
QSOP – Q
Tape and reel
8
CY74FCT240TQCT
FCT240
CDIP – D
Tube
4.7
CY54FCT240CTDMB
55
°Cto125°C
CDIP – D
Tube
5.1
CY54FCT240ATDMB
–55
°C to 125°C
LCC – L
Tube
5.1
CY54FCT240ATLMB
CDIP – D
Tube
9
CY54FCT240TDMB
† Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable
at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OEA
OEB
D
O
L
L
L
H
L
LH
L
H
H
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance state


Similar Part No. - CY74FCT244ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT244ATSOC TI-CY74FCT244ATSOC Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244ATSOC TI-CY74FCT244ATSOC Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244ATSOCE4 TI-CY74FCT244ATSOCE4 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244ATSOCG4 TI-CY74FCT244ATSOCG4 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT244ATSOCT TI-CY74FCT244ATSOCT Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT244ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT240T TI-CY54FCT240T Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com