Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084-25T53UF Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G1084-25T53UF
Description  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-25T53UF Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G1084-25T53UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-25T53UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G1084-XX
Global Mixed-mode Technology Inc.
TO-263 (T5) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.470
4.670
0.176
0.184
A1
0.000
0.150
0.000
0.006
B
1.170
1.370
0.046
0.054
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
e
2.540 TYP
0.100 TYP
e1
4.980
5.180
0.196
0.204
L
15.050
15.450
0.593
0.608
L1
5.080
5.480
0.200
0.216
L2
2.340
2.740
0.092
0.108
L3
1.300
1.700
0.051
0.067
V
5.600 REF
0.220 REF
D
L
b
e
e1
b1
L3
B
E
L1
A
c1
A1
L2
c
V
D
L
b
e
e1
b1
L3
B
E
L1
A
c1
A1
L2
c
V


Similar Part No. - G1084-25T53UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084-25T53U GMT-G1084-25T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

Similar Description - G1084-25T53UF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com