Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB30-NRGXX Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB30-NRGXX
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-NRGXX Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB30-NRGXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-NRGXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Figure 6. Spatial radiation pattern for Cx11 and Cx12.
Figure 7. Spatial radiation pattern for Cx26 and Cx27.
Figure 8. Spatial radiation pattern for Cx36 and Cx37.
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90
1
0
ANGULAR DISPLACEMENT – DEGREES
0.5
-90
-60
0
-30
30
60
90


Similar Part No. - HLMP-CB30-NRGXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-NRG00 AVAGO-HLMP-CB30-NRG00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB30-NRGDD AVAGO-HLMP-CB30-NRGDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB30-NRGXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com