Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB31-M00XX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB31-M00XX
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB31-M00XX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB31-M00XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB31-M00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Device Selection Guide
Typical
Viewing Angle,
Intensity (cd) at 20 mA
Package
Part Number
Color
2q1/2 (Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
2.5
7.2
No
A
Clear
HLMP-CB11-UVAxx
Blue
15
3.2
5.5
No
A
Clear
HLMP-CB12-TW0xx
Blue
15
2.5
7.2
Yes
B
Clear
HLMP-CM11-Y20xx
Green
15
9.3
27.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
12.0
21.0
No
A
Clear
HLMP-CM12-Y20xx
Green
15
9.3
27.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.2
21.0
No
A
Clear
HLMP-CE12-X10xx
Cyan
15
7.2
21.0
Yes
B
Clear
HLMP-CB26-SV0xx
Blue
23
1.9
5.5
No
A
Clear
HLMP-CB26-TUDxx
Blue
23
2.5
4.2
No
A
Clear
HLMP-CB27-SV0xx
Blue
23
1.9
5.5
Yes
B
Clear
HLMP-CM26-X10xx
Green
23
7.2
21.0
No
A
Clear
HLMP-CM26-YZCxx
Green
23
9.3
16.0
No
A
Clear
HLMP-CM27-X10xx
Green
23
7.2
21.0
Yes
B
Clear
HLMP-CE26-WZ0xx
Cyan
23
5.5
16.0
No
A
Clear
HLMP-CE27-WZ0xx
Cyan
23
5.5
16.0
Yes
B
Clear
HLMP-CB36-QT0xx
Blue
30
1.15
3.2
No
A
Clear
HLMP-CB36-RSAxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB36-RSBxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB37-RU0xx
Blue
30
1.5
4.2
Yes
B
Clear
HLMP-CB37-RSDxx
Blue
30
1.5
2.5
Yes
B
Clear
HLMP-CM36-X10xx
Green
30
7.2
21.0
No
A
Clear
HLMP-CM36-XYCxx
Green
30
7.2
12.0
No
A
Clear
HLMP-CM37-X10xx
Green
30
7.2
21.0
Yes
B
Clear
HLMP-CM37-XYCxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CM37-XYDxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CE36-WZ0xx
Cyan
30
5.5
16.0
No
A
Clear
HLMP-CE37-WZ0xx
Cyan
30
5.5
16.0
Yes
B
Clear
Notes:
1. Tolerance for luminous intensity measurement is
±15%.
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.


Similar Part No. - HLMP-CB31-M00XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB31-M0000 AVAGO-HLMP-CB31-M0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB31-M00DD AVAGO-HLMP-CB31-M00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB31-M00XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com