Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G696L308T1U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G696L308T1U
Description  Microprocessor Reset IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696L308T1U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G696L308T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696L308T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G696/G697
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Delay Capacitor Pin Voltage, VCD. . -0.3 to (VCC +0.3V)
RESET, RESET (push-pull) . . . . .-0.3V to (VCC + 0.3V)
RESET (open drain). . . . . . . . . . . . . . . -0.3V to +6.0V
Input Current, VCC . . . . . . . . . . . . . . . . . . . . . . . 20mA
Output Current, RESET, RESET . . . . . . . . . . . 20mA
Operating Temperature Range. . . . . .-40°C to +105°C
Storage Temperature Range . . . . . . .-65°C to +150°C
Reflow Temperature (soldering, 10sec) . . . .. . . 260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263/250 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
TA = 0°C +70°C
0.8
---
5.5
VCC Range
TA = -40°C +105°C
1
---
5.5
V
VCC<5.5V, G69_ _463/438/400/330_
---
16.5
25
Supply Current (SOT-23-5)
ICC
VCC<3.6V, G69_ _308/293/263/250_
---
13.9
22
µA
G69_ _463_
4.50
4.6
4.69
G69_ _438_
4.23
4.32
4.40
G69_ _400_
3.88
3.96
4.04
G69_ _330_
3.25
3.3
3.37
G69_ _308_
3.04
3.10
3.16
G69_ _293_
2.86
2.91
2.96
G69_ _263_
2.59
2.64
2.69
Reset Threshold
VTH-
G69_ _250_
2.45
2.5
2.55
V
Reset Threshold Hysterisis
VHYS
3.6
5.3
7
%
Reset Threshold Tempco
---
70
---
ppm/°C
CD Delay Pin Threshold Voltage
VTDC
0.87
1.25
1.29
V
Delay Capacitor Pin Sink Current
VCC = 1.5V, VCD = 0.5V
3
5
---
mA
Delay Capacitor Pin Source Current
ICD
VCC > VTH- + VHYS
0.5
0.88
1.2
µA
RESET
Output Current Low (push-pull ac-
tive low, and open-drain active-low, G696L
and G697L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
---
---
mA
VCC = 5V, V RESET = 4.5V,
G696L463/438/400/330
4.5
---
---
mA
VCC = 3.3V, V RESET = 2.8V,
G696L308/293
3
---
---
---
RESET
Output Current High (push-pull
active low, G696L)
IOH
VCC = 3V, V RESET = 2.5V,
G696L263/250
2
---
---
---
VCC = 5V, VRESET = 0.5V,
G696H463/438/400/330
16
---
---
mA
VCC = 3.3V, VRESET = 0.5V,
G696H308/293
12
---
---
---
RESET Output Current Low (push-pull ac-
tive high, G696H)
IOL
VCC = 3V, VRESET = 0.5V,
G696H263/250
10
---
---
---
RESET Output Current High (push-pull ac-
tive high, G696H)
IOH
VCC = 2.5V, VRESET = 2V
2
---
---
mA
RESET Open-Drain Output Leakage Cur-
rent (G697L)
VCC > VTH, RESET deasserted
---
---
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.


Similar Part No. - G696L308T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696L308T GMT-G696L308T Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results

Similar Description - G696L308T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com