Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC08D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74AC08D
Description  Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC08D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74AC08D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC08D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC08D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC08D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC08D Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74AC08
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =3.0 V
VCC =4.5 V
VCC =5.5 V
0
0
0
150
40
25
ns/V
* V
IN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74AC08D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC00 KODENSHI-KK74AC00 Datasheet
224Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74AC04D KODENSHI-KK74AC04D Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74AC04N KODENSHI-KK74AC04N Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC08D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT08 KODENSHI-KK74ACT08 Datasheet
219Kb / 5P
   Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC08 INTEGRAL-IN74AC08 Datasheet
102Kb / 4P
   Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com