Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC11D Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74AC11D
Description  Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC11D Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74AC11D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC11D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC11D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC11D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC11D Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK74AC11
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
2.1
3.15
3.85
2.1
3.15
3.85
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
0.9
1.35
1.65
0.9
1.35
1.65
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 µA
3.0
4.5
5.5
2.9
4.4
5.4
2.9
4.4
5.4
V
*V
IN=VIH
IOH=-12 mA
IOH=-24 mA
IOH=-24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 µA
3.0
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
*V
IN=VIH or VIL
IOL=12 mA
IOL=24 mA
IOL=24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
4.0
40
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
3


Similar Part No. - KK74AC11D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC112 KODENSHI-KK74AC112 Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC112D KODENSHI-KK74AC112D Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC112N KODENSHI-KK74AC112N Datasheet
328Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC11D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT11 KODENSHI-KK74ACT11 Datasheet
229Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
KK74HC11A KODENSHI-KK74HC11A Datasheet
193Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC10A INTEGRAL-IN74HC10A Datasheet
177Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC4075 MOTOROLA-MC74HC4075 Datasheet
71Kb / 4P
   TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
System Logic Semiconduc...
SL74HCT10 SLS-SL74HCT10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HC10A KODENSHI-KK74HC10A Datasheet
193Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC11 MOTOROLA-MC74HC11 Datasheet
140Kb / 4P
   Triple 3-lnput AND Gate High-Performance silicon-gate CMOS
logo
IK Semicon Co., Ltd
IW4025B IKSEMICON-IW4025B Datasheet
150Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com