Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC34D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC34D
Description  Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC34D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC34D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC34D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC34D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC34D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC34D Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
Hex Noninverter Buffer
High-Speed Silicon-Gate CMOS
KK74AC34
ORDERING INFORMATION
KK74AC34N Plastic
KK74AC34D SOIC
TA = -40° to 85° C for all packages
The KK74AC34 is identical in pinout to the LS/ALS34, HC/HCT34.
The device inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LS/ALS outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
L
L
H
H
1


Similar Part No. - KK74AC34D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
KK74AC323 KODENSHI-KK74AC323 Datasheet
413Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
KK74AC323DW KODENSHI-KK74AC323DW Datasheet
413Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
KK74AC323N KODENSHI-KK74AC323N Datasheet
413Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
KK74AC32D KODENSHI-KK74AC32D Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC34D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT34 IKSEMICON-IN74ACT34 Datasheet
150Kb / 5P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC34 INTEGRAL-IN74AC34 Datasheet
96Kb / 4P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT34 KODENSHI-KK74ACT34 Datasheet
206Kb / 5P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC34 IKSEMICON-IN74AC34 Datasheet
153Kb / 5P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT34 INTEGRAL-IN74ACT34 Datasheet
129Kb / 4P
   HEX NONINVERTER BUFFER
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com