Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC174D Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74AC174D
Description  Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC174D Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74AC174D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC174D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC174D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC174D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC174D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC174D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74AC174
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
100
70
100
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
2.0
1.5
11.5
8.5
1.5
1.0
12.5
9.5
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
2.0
1.5
11.0
8.0
1.5
1.0
12.0
9.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.3
5.0
2.5
1.5
11.5
9.0
2.0
1.5
12.5
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
85
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(CL=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
6.5
5.0
7.0
5.5
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
3.3
5.0
3.0
3.0
3.0
3.0
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
5.5
5.0
7.0
5.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
5.0
7.0
5.0
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
3.3
5.0
2.5
2.0
2.5
2.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
4


Similar Part No. - KK74AC174D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC175 KODENSHI-KK74AC175 Datasheet
273Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74AC175D KODENSHI-KK74AC175D Datasheet
273Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74AC175N KODENSHI-KK74AC175N Datasheet
273Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC174D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HC174A INTEGRAL-IN74HC174A Datasheet
51Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com