Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC244DW Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74AC244DW
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC244DW Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74AC244DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC244DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC244DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC244DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC244DW Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74AC244
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =3.0 V
VCC =4.5 V
VCC =5.5 V
0
0
0
150
40
25
ns/V
* V
IN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74AC244DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC240 KODENSHI-KK74AC240 Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240DW KODENSHI-KK74AC240DW Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC240N KODENSHI-KK74AC240N Datasheet
288Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC241DW KODENSHI-KK74AC241DW Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC244DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT241 KODENSHI-KK74ACT241 Datasheet
294Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT244 KODENSHI-KK74ACT244 Datasheet
283Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC241 IKSEMICON-IN74AC241 Datasheet
216Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT244 IKSEMICON-IN74ACT244 Datasheet
270Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT241 IKSEMICON-IN74ACT241 Datasheet
273Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC244 IKSEMICON-IN74AC244 Datasheet
213Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT241A KODENSHI-KK74HCT241A Datasheet
239Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com