Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC257 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC257
Description  Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC257 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC257 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC257 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC257 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC257 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC257 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC257 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74AC257
Quad 2-Input Data Selector/Multiplexer
with 3-State Outputs
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC257N Plastic
KK74AC257D SOIC
TA = -40° to 85° C for all packages
The
KK74AC257
is
identical
in
pinout
to
the
LS/ALS257,
HC/HCT257. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS outputs.
This device selects a (4-bit) nibble from either the A or B inputs as
determined by the Select input. The nibble is presented at the outputs in
noninverted from when the Output Enable pin is at a low level. A high
level on the Output Enable pin switches the outputs into the high-
impedance state.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Output Source/Sink 24 mA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
Output
Enable
Select
Y0-Y3
H
X
Z
L
L
A0-A3
L
H
B0-B3
X=don’t care
Z = high-impedance state
A0-A3,B0-B3=the levels of the respective
Nibble Inputs
1


Similar Part No. - KK74AC257

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC251 KODENSHI-KK74AC251 Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC251D KODENSHI-KK74AC251D Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC251N KODENSHI-KK74AC251N Datasheet
648Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
KK74AC253 KODENSHI-KK74AC253 Datasheet
329Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74AC253D KODENSHI-KK74AC253D Datasheet
329Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC257

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT258 KODENSHI-KK74ACT258 Datasheet
274Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT257 IKSEMICON-IN74ACT257 Datasheet
260Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT257 KODENSHI-KK74ACT257 Datasheet
274Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC258 IKSEMICON-IN74AC258 Datasheet
198Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74AC257 IKSEMICON-IN74AC257 Datasheet
199Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
IN74ACT258 IKSEMICON-IN74ACT258 Datasheet
260Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC258 KODENSHI-KK74AC258 Datasheet
278Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HC257 INTEGRAL-IN74HC257 Datasheet
116Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC257A IKSEMICON-IN74HC257A Datasheet
212Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC257A KODENSHI-KK74HC257A Datasheet
225Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com