Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74AC323 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74AC323
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74AC323 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74AC323 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74AC323 Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
KK74AC323
8-Bit Bidirectional Universal
Shift Register with Parallel I/O
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74AC323N Plastic
KK74AC323DW SOIC
TA = -40° to 85° C for all packages
The
KK74AC323
is
identical
in
pinout
to
the
LS/ALS323,
HC/HCT323. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS outputs.
The KK74AC323 features a multiplexed parallel input/output data port
to achieve full 8-bit handling in a 20 pin package. Due to the large output
drive capability and the 3-state feature, this device is ideally suited for
interface with bus lines in a bus-oriented system.
Two Mode-Select inputs and two Output Enable inputs are used to
choose the mode of operation as listed in the Function Table.
Synchronous parallel loading is accomplished by taking both Mode-
Select lines, S1 and S2, high. This places the outputs in the high-
impedance state, which permits data applied to the data port to be clocked
into the register. Reading out of the register can be accomplished when
the outputs are enabled. The active-low synchronous Reset overrides all
other inputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
PIN ASSIGNMENT
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
1


Similar Part No. - KK74AC323

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC32 KODENSHI-KK74AC32 Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
KK74AC32D KODENSHI-KK74AC32D Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
KK74AC32N KODENSHI-KK74AC32N Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74AC323

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT323 KODENSHI-KK74ACT323 Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT299 IKSEMICON-IN74ACT299 Datasheet
402Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT299 KODENSHI-KK74ACT299 Datasheet
412Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC299 INTEGRAL-IN74AC299 Datasheet
251Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC299 IKSEMICON-IN74AC299 Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC299 KODENSHI-KK74AC299 Datasheet
428Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT323 IKSEMICON-IN74ACT323 Datasheet
393Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC323A IKSEMICON-IN74HC323A Datasheet
308Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com