Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT04 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT04
Description  Hex Inverter High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT04 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT04 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT04 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT04 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT04 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT04 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74ACT04
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A to Output Y (Figure 1)
1.5
8.5
1.0
9.0
ns
tPHL
Propagation Delay, Input A to Output Y (Figure 1)
1.5
8.0
1.0
8.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
30
pF
Figure 1. Switching Waveforms
4


Similar Part No. - KK74ACT04

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00D KODENSHI-KK74ACT00D Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00N KODENSHI-KK74ACT00N Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02D KODENSHI-KK74ACT02D Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT04

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
KK74AC14 KODENSHI-KK74AC14 Datasheet
524Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
KK4069UB KODENSHI-KK4069UB Datasheet
216Kb / 5P
   Hex Inverter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com