Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N70 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7N70
Description  7 Amps, 700 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N70 Datasheet(HTML) 5 Page - Unisonic Technologies

  7N70 Datasheet HTML 1Page - Unisonic Technologies 7N70 Datasheet HTML 2Page - Unisonic Technologies 7N70 Datasheet HTML 3Page - Unisonic Technologies 7N70 Datasheet HTML 4Page - Unisonic Technologies 7N70 Datasheet HTML 5Page - Unisonic Technologies 7N70 Datasheet HTML 6Page - Unisonic Technologies 7N70 Datasheet HTML 7Page - Unisonic Technologies 7N70 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-103,A
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤0.1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0.3μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
Charge
QGS
QGD
QG
VGS
1mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 7N70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
376Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70 Datasheet
387Kb / 7P
   7A, 700V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
7N70A YFWDIODE-7N70A Datasheet
1Mb / 7P
   7A 700V N-channel enhancement mode field effect transistor
logo
Unisonic Technologies
7N70G-T2Q-T UTC-7N70G-T2Q-T Datasheet
432Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 7N70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
   4 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com