Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT74N Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74ACT74N
Description  Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT74N Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74ACT74N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT74N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT74N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT74N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT74N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT74N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74ACT74
Dual D Flip-Flop with Set and Reset
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT74N Plastic
KK74ACT74D SOIC
TA = -40° to 85° C for all packages
The KK74ACT74 is identical in pinout to the LS/ALS74, HC/HCT74.
The KK74ACT74 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
This device consists of two D flip-flops with individual Set, Reset,
and Clock inputs. Information at a D-input is transferred to the
corresponding Q output on the next positive going edge of the clock input.
Both Q and Q outputs are available from each flip-flop. The Set and Reset
inputs are asynchronous.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Set
Reset
Clock
Data
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
*
H
*
H
H
H
H
L
H
H
L
L
H
H
H
L
X
No Change
H
H
H
X
No Change
H
H
X
No Change
*Both outputs will remain high as long as Set
and Reset are low, but the output states are
unpredictable if Set and Reset go high
simultaneously.
X = don’t care
1


Similar Part No. - KK74ACT74N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00D KODENSHI-KK74ACT00D Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00N KODENSHI-KK74ACT00N Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02D KODENSHI-KK74ACT02D Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT74N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC74 KODENSHI-KK74AC74 Datasheet
322Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC74 IKSEMICON-IN74AC74 Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT74 IKSEMICON-IN74ACT74 Datasheet
222Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com