Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT74D Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT74D
Description  Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT74D Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT74D Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT74D Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT74D Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT74D Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT74D Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT74D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74ACT74
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
145
125
MHz
tPLH
Propagation Delay, Clock to Q or Q
(Figure 1)
4.0
11.0
4.0
13.0
ns
tPHL
Propagation Delay, Clock to Q or Q
(Figure 1)
3.5
10.0
3.0
11.5
ns
tPLH
Propagation Delay, Set or Reset to Q or Q
(Figure 2)
3.0
9.5
2.5
10.5
ns
tPHL
Propagation Delay, Set or Reset to Q or Q
(Figure 2)
3.0
10.0
3.0
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
35
pF
TIMING REQUIREMENTS (VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock (Figure 3)
3.0
3.5
ns
th
Minimum Hold Time, Clock to Data (Figure 3)
1.0
1.0
ns
tw
Minimum Pulse Width, Clock, Set or Reset (Figures
1,2)
5.0
6.0
ns
trec
Minimum Recovery Time, Set or Reset to Clock
(Figure 2)
0
0
ns
4


Similar Part No. - KK74ACT74D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00D KODENSHI-KK74ACT00D Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT00N KODENSHI-KK74ACT00N Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT02 KODENSHI-KK74ACT02 Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74ACT02D KODENSHI-KK74ACT02D Datasheet
222Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT74D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC74 KODENSHI-KK74AC74 Datasheet
322Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC74 IKSEMICON-IN74AC74 Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT74 IKSEMICON-IN74ACT74 Datasheet
222Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com