Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT139N Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT139N
Description  Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT139N Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT139N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT139N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT139N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT139N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT139N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT139N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74ACT139
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay , Input A to Output Y
(Figure 2)
1.5
8.5
1.5
9.5
ns
tPHL
Propagation Delay , Input A to Output Y
(Figure 2)
1.5
9.5
1.5
10.5
ns
tPLH
Propagation Delay, Select to Output Y
(Figure 1)
2.5
10.0
2.0
11.0
ns
tPHL
Propagation Delay, Select to Output Y
(Figure 1)
2.0
9.5
1.5
10.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
Figure 1. Switching Waveform
Figure 2. Switching Waveform
4


Similar Part No. - KK74ACT139N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT132 KODENSHI-KK74ACT132 Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74ACT132D KODENSHI-KK74ACT132D Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74ACT132N KODENSHI-KK74ACT132N Datasheet
241Kb / 5P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
KK74ACT138 KODENSHI-KK74ACT138 Datasheet
254Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
KK74ACT138D KODENSHI-KK74ACT138D Datasheet
254Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT139N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC139 INTEGRAL-IN74AC139 Datasheet
121Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT139 IKSEMICON-IN74ACT139 Datasheet
176Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
IN74AC139 IKSEMICON-IN74AC139 Datasheet
177Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC139 KODENSHI-KK74AC139 Datasheet
248Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT139A IKSEMICON-IN74HCT139A Datasheet
209Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC139A INTEGRAL-IN74HC139A Datasheet
103Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT139 SLS-SL74HCT139 Datasheet
46Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT139A KODENSHI-KK74HCT139A Datasheet
223Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC138 IKSEMICON-IN74AC138 Datasheet
182Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC138 KODENSHI-KK74AC138 Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com