Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT157 Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KK74ACT157
Description  Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT157 Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

  KK74ACT157 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT157 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT157 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT157 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT157 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT157 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KK74ACT157
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
6


Similar Part No. - KK74ACT157

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT151 KODENSHI-KK74ACT151 Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT151D KODENSHI-KK74ACT151D Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT151N KODENSHI-KK74ACT151N Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT153 KODENSHI-KK74ACT153 Datasheet
318Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT153D KODENSHI-KK74ACT153D Datasheet
318Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT157

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC157 IKSEMICON-IN74AC157 Datasheet
207Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT157 IKSEMICON-IN74ACT157 Datasheet
208Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT158 IKSEMICON-IN74ACT158 Datasheet
255Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC158 KODENSHI-KK74AC158 Datasheet
268Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC157 KODENSHI-KK74AC157 Datasheet
283Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC158 IKSEMICON-IN74AC158 Datasheet
192Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT158 KODENSHI-KK74ACT158 Datasheet
268Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT151 KODENSHI-KK74ACT151 Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74AC151 KODENSHI-KK74AC151 Datasheet
293Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC151 IKSEMICON-IN74AC151 Datasheet
205Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com