Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT175 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74ACT175
Description  Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT175 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74ACT175 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT175 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT175 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT175 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT175 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT175 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74ACT175
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
175
145
MHz
tPLH
Propagation Delay, Clock to Q or Q (Figure 1)
2.0
10.0
1.5
11.0
ns
tPHL
Propagation Delay, Clock to Q or Q (Figure 1)
2.0
11.0
1.5
12.0
ns
tPHL, tPLH
Propagation Delay, Reset to Q or Q (Figure 2)
2.0
9.5
1.5
10.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
TIMING REQUIREMENTS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
tsu (H)
(L)
Minimum Setup Time, Data to Clock (Figure 3)
2.0
2.5
2.0
2.5
ns
th
Minimum Hold Time, Clock to Data (Figure 3)
1.0
1.0
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.0
4.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.0
3.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
0
0
ns
4


Similar Part No. - KK74ACT175

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT174D KODENSHI-KK74ACT174D Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74ACT174N KODENSHI-KK74ACT174N Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT175

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT175 IKSEMICON-IN74ACT175 Datasheet
253Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC175 INTEGRAL-IN74AC175 Datasheet
136Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC175 KODENSHI-KK74AC175 Datasheet
273Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC175A IKSEMICON-IN74HC175A Datasheet
223Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KK74HC175A KODENSHI-KK74HC175A Datasheet
235Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74AC273 INTEGRAL-IN74AC273 Datasheet
179Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com