Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT241 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74ACT241
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT241 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74ACT241 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT241 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT241 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT241 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT241 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74ACT241
Octal 3-State Noninverting Buffer/Line
Driver/Line Receiver
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT241N Plastic
KK74ACT241DW SOIC
TA = -40° to 85° C for all packages
The KK74ACT241 is identical in pinout to the LS/ALS241,
HC/HCT241. The KK74ACT241 may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS inputs.
This octal noninverting buffer/line driver/line receiver is designed to
be used with 3-state memory address drivers, clock drivers, and other
bus-oriented systems. The device has noninverting outputs and two
output enables. Enable A is active-low and Enable B is active-high.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Inputs
Output
Inputs
Output
Enable
A
A
YA
Enable
B
B
YB
L
L
L
H
L
L
L
H
H
H
H
H
H
X
Z
L
X
Z
X = don’t care
Z = high impedance
1


Similar Part No. - KK74ACT241

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT240 KODENSHI-KK74ACT240 Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT240DW KODENSHI-KK74ACT240DW Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT240N KODENSHI-KK74ACT240N Datasheet
280Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT244 KODENSHI-KK74ACT244 Datasheet
283Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74ACT244DW KODENSHI-KK74ACT244DW Datasheet
283Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT241

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT244 KODENSHI-KK74ACT244 Datasheet
283Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
KK74AC244 KODENSHI-KK74AC244 Datasheet
287Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC241 IKSEMICON-IN74AC241 Datasheet
216Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT244 IKSEMICON-IN74ACT244 Datasheet
270Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT241 IKSEMICON-IN74ACT241 Datasheet
273Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC241 KODENSHI-KK74AC241 Datasheet
293Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC244 IKSEMICON-IN74AC244 Datasheet
213Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT241A KODENSHI-KK74HCT241A Datasheet
239Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com