Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT299DW Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74ACT299DW
Description  8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT299DW Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74ACT299DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74ACT299DW Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KK74ACT299
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Temperature, All Package Types
-40
+85
°C
IOH
Output Current - High
-24
mA
IOL
Output Current - Low
24
mA
tr, tf
Input Rise and Fall Time
*
(except Schmitt Inputs)
VCC =4.5 V
VCC =5.5 V
0
0
10
8.0
ns/V
* V
IN
from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74ACT299DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT20D KODENSHI-KK74ACT20D Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT20N KODENSHI-KK74ACT20N Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT21 KODENSHI-KK74ACT21 Datasheet
214Kb / 5P
   Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
KK74ACT21D KODENSHI-KK74ACT21D Datasheet
214Kb / 5P
   Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT299DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT323 KODENSHI-KK74ACT323 Datasheet
404Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC323 IKSEMICON-IN74AC323 Datasheet
322Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
IN74ACT299 IKSEMICON-IN74ACT299 Datasheet
402Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC299 INTEGRAL-IN74AC299 Datasheet
251Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC299 IKSEMICON-IN74AC299 Datasheet
256Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC299 KODENSHI-KK74AC299 Datasheet
428Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT323 IKSEMICON-IN74ACT323 Datasheet
393Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC323 KODENSHI-KK74AC323 Datasheet
413Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC299A IKSEMICON-IN74HC299A Datasheet
338Kb / 9P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
IN74HC323A IKSEMICON-IN74HC323A Datasheet
308Kb / 8P
   8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com